Part Number Hot Search : 
02210 HCF4013 HMM5121B ICM72 2506N A1500 STWBC 2SC43
Product Description
Full Text Search
 

To Download ECWF2394 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plastic film capacitors metallized polypropylene film capacitors type: ecwf(a) designed for high frequency and current applications. features small size excellent frequency characteristics low loss low hum sound noise rohs directive compliant recommended applications 250vdc high frequency and high current circuits 450vdc active filter circuits explanation of part numbers 1 2 3 4 5 6 7 8 9 10 11 dielectric & construction product code capacitance cap. tol. suffix e c w f a suffix rated voltage explanation of part numbers for odd size taping specifications category temp. range (including temperature-rise on unit surface) 40 to +105 250 vdc rated voltage 450 vdc peak to peak voltage applied on the capacitor should be less than 240vp-p ,and zero to peak voltage should be less than 450v. 250 vdc 0.1 uf to 6.8 uf capacitance range 450 vdc 0.1 uf to 4.7 uf 250 vdc 3% (h), 5% (j) capacitance tolerance 450 vdc 5% (j), 10 % (k) withstand voltage between terminals rated voltage(vdc) 150 % 60 s dissipation factor (tan ) tan ?Q 0.1 % (20 ,1 khz) 250 vdc c Q0.33 uf ir R 9000 c 0.33 uf ir R 3000 ?uf insulation resistance ir) 450 vdc c Q0.33 uf ir R 30,000 c 0.33 uf ir R 10,000 ? uf *in case of applying voltage in alternating current (50 hz or 60 hz sine wave) to a capacitor with dc rated voltage, please ref er to the page of ?permissible voltage (r.m.s) in alte rnating current corresponding to dc rated voltage?. h 3 % suffix lead form blank 2 250 vdc straight j 5 % j 5 % 2w b crimped lead 450 vdc k 10 % q crimped lead (20 , 100 vdc, 60 s ) (20 , 100 vdc, 60 s ) capacitance suffix e c w f r a product code rated voltage dielectric & suffix cap. tol. construction d esign, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
plastic film capacitors coppe r -clad steel-wire or copper-wire packaging specifications lead spacing rating, dimension & quantity / ammo box type ecwf(a) rated voltage 250 vdc dimensions (mm) quantity max f max part no. capacitance ( f) max max straight crimped lead (suffix b) crimped lead (suffix q) straight crimped lead (suffix b) crimped lead (suffix q) straight ? ammo 7.5mm ecwf2104 a( ) 0.10 13.0 5.0 14.1 14.1 7.5 10.0 0.6 1300 ecwf2 24 a( ) 0.12 13.0 5.3 14.4 14.4 7.5 10.0 0.6 1200 ecwf2154 a( ) 0.15 13.0 5.6 14.7 14.7 7.5 10.0 0.6 ecwf2184 a( ) 0.18 13.0 5.9 15.1 15.1 7.5 10.0 0.6 1100 ecwf2224 a( ) 0.22 13.0 6.3 15.4 15.4 7.5 10.0 0.6 1000 ecwf2274 a( ) 0.27 13.0 6.8 15.9 15.9 7.5 10.0 0.6 ecwf2334 a( ) 0.33 13.0 7.3 16.4 16.4 7.5 10.0 0.6 900 ECWF2394 a( ) 0.39 13.0 7.8 16.9 16.9 7.5 10.0 0.6 800 ecwf2474 a( ) 0.47 13.0 8.4 17.6 17.6 7.5 10.0 0.6 700 ecwf2564 a( ) 0.56 18.1 6.9 16.4 18.4 7.5 15.0 0.8 ecwf2684 a( ) 0.68 18.1 7.4 17.0 19.0 7.5 15.0 0.8 ecwf2824 a( ) 0.82 18.1 8.0 17.6 19.6 7.5 15.0 0.8 400 ecwf2 05 a( ) 1.00 18.1 8.5 13.3 18.3 20.3 15.0 7.5 15.0 1.5 0.8 ecwf2 25 a( ) 1.20 18.8 9.5 14.6 19.6 21.6 15.0 7.5 15.0 1.5 0.8 ecwf2 55 a( ) 1.50 18.8 10.5 15.6 20.6 22.6 15.0 7.5 15.0 1.5 0.8 300 ecwf2 85 a( ) 1.80 18.8 11.4 16.5 21.5 23.5 15.0 7.5 15.0 1.5 0.8 ecwf2225 a( ) 2.20 18.8 12.6 17.6 22.6 24.6 15.0 7.5 15.0 1.5 0.8 200 ecwf2275 a( ) 2.70 23.8 11.4 17.2 22.2 24.2 20.0 12.5 20.0 1.5 0.8 ecwf2335 a( ) 3.30 23.8 12.5 18.3 23.3 25.3 20.0 12.5 20.0 1.5 0.8 ecwf2395 a( ) 3.90 23.8 13.5 19.3 24.3 26.3 20.0 12.5 20.0 1.5 0.8 ecwf2475 a( ) 4.70 23.8 14.8 20.6 25.6 27.6 20.0 12.5 20.0 1.5 0.8 ecwf2565 a( ) 5.60 23.8 16.2 21.9 26.9 28.9 20.0 12.5 20.0 1.5 0.8 ecwf2685 a( ) 6.80 23.8 17.8 23.5 28.5 30.5 20.0 12.5 20.0 1.5 0.8 taping style style lead spacing d 7.5 mm e 7.5 mm rated voltage cap. range uf ad as b c d e type packing suffix 0.10 to 0.47 250 vdc 0.56 to 2.2 0.10 to 0.47 ecwf( ) 450 vdc 0.56 to 2.2 ammo r( )a suffix for lead crimped capacitance tolerance code d esign, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
plastic film capacitors d esign, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. rating, dimension & quantity / ammo box type ecwf(a) rated voltage 450vdc dimensions (mm) quantity max part no. capac itance ( f) max max straight crimped lead (suffix b) crimped lead (suffix q) f crimped lead (suffix b) crimped lead (suffix q) max ? ammo 7.5mm ecwf2w104 a( ) 0.10 13.0 5.1 14.3 14.3 7.5 10.0 1.5 0.6 ecwf2w 24 a( ) 0.12 13.0 5.4 14.5 14.5 7.5 10.0 1.5 0.6 1200 ecwf2w154 a( ) 0.15 13.0 5.7 14.9 14.9 7.5 10.0 1.5 0.6 1100 ecwf2w184 a( ) 0.18 13.0 6.1 15.2 15.2 7.5 10.0 1.5 0.6 ecwf2w224 a( ) 0.22 13.0 6.5 15.6 15.6 7.5 10.0 1.5 0.6 1000 ecwf2w274 a( ) 0.27 13.0 7.0 16.1 16.1 7.5 10.0 1.5 0.6 900 ecwf2w334 a( ) 0.33 13.0 7.6 16.7 16.7 7.5 10.0 1.5 0.6 ecwf2w394 a( ) 0.39 13.0 8.1 17.2 17.2 7.5 10.0 1.5 0.6 800 ecwf2w474 a( ) 0.47 13.0 8.7 17.9 17.9 7.5 10.0 1.5 0.6 700 ecwf2w564 a( ) 0.56 18.1 7.0 11.5 16.5 18.5 15.0 7.5 15.0 1.5 0.8 ecwf2w684 a( ) 0.68 18.1 7.5 12.1 17.1 19.1 15.0 7.5 15.0 1.5 0.8 ecwf2w824 a( ) 0.82 18.1 8.2 12.7 17.7 19.7 15.0 7.5 15.0 1.5 0.8 400 ecwf2w 05 a( ) 1.00 18.1 9.3 12.6 17.6 19.6 15.0 7.5 15.0 1.5 0.8 ecwf2w 25 a( ) 1.20 18.8 9.7 14.7 19.7 21.7 15.0 7.5 15.0 1.5 0.8 ecwf2w 55 a( ) 1.50 18.8 10.7 15.8 20.8 22.8 15.0 7.5 15.0 1.5 0.8 300 ecwf2w 85 a( ) 1.80 18.8 11.6 16.7 21.7 23.7 15.0 7.5 15.0 1.5 0.8 ecwf2w225 a( ) 2.20 18.8 12.8 17.9 22.9 24.9 15.0 7.5 15.0 1.5 0.8 200 ecwf2w275 a( ) 2.70 26.3 10.6 16.5 21.5 23.5 22.5 15.0 22.5 1.5 0.8 ecwf2w335 a( ) 3.30 26.3 11.7 17.5 22.5 24.5 22.5 15.0 22.5 1.5 0.8 ecwf2w395 a( ) 3.90 26.3 12.6 18.4 23.4 25.4 22.5 15.0 22.5 1.5 0.8 ecwf2w475 a( ) 4.70 26.3 13.8 19.6 24.6 26.6 22.5 15.0 22.5 1.5 0.8 capacitance tolerance code suffix for lead crimped
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: panasonic: ? ecw-f2105ja? ecw-f2125ja? ecw-f2155ja? ecw-f2185ja? ecw-f2225ja? ecw-f2275ja? ecw-f2335ja? ecw-f2395ja? ecw-f2475ja? ecw-f2565ja? ecw-f2685ja? ecw-f2w104jaq? ecw-f2w105ja? ecw- f2w124jaq? ecw-f2w125ja? ecw-f2w154jaq? ecw-f2w155ja? ecw-f2w184jaq? ecw-f2w185ja? ecw- f2w224jaq? ecw-f2w225ja? ecw-f2w274jaq? ecw-f2w275ja? ecw-f2w334jaq? ecw-f2w335ja? ecw- f2w394jaq? ecw-f2w395ja? ecw-f2w474jaq? ecw-f2w475ja? ecw-f2w564ja? ecw-f2w684ja? ecw- f2w824ja? ecw-f2104jaq? ecw-f2124jaq? ecw-f2154jaq? ecw-f2184jaq? ecw-f2224jaq? ecw-f2274jaq ? ecw-f2334jaq? ecw-f2394jaq? ecw-f2474jaq? ecw-f2564jaq? ecw-f2684jaq? ecw-f2824jaq? ecw- f2w225ka? ecw-f2w105ka? ecw-f2w125ka? ecw-f2w155ka? ecw-f2w185ka? ecw-f2w275ka? ecw- f2w335ka? ecw-f2w395ka? ecw-f2w475ka? ecw-f2w564ka? ecw-f2w684ka? ecw-f2w824ka


▲Up To Search▲   

 
Price & Availability of ECWF2394

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X